データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74HC623RM13TR データシート(PDF) 1 Page - STMicroelectronics

部品番号 M74HC623RM13TR
部品情報  OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC623RM13TR データシート(HTML) 1 Page - STMicroelectronics

  M74HC623RM13TR Datasheet HTML 1Page - STMicroelectronics M74HC623RM13TR Datasheet HTML 2Page - STMicroelectronics M74HC623RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC623RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC623RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC623RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC623RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC623RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC623RM13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
August 2001
s
HIGH SPEED:
tPD = 10ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 623
DESCRIPTION
The 74HC623 is an advanced high-speed CMOS
OCTAL
BUS
TRANSCEIVER
(3-STATE)
fabricated with silicon gate technology.
This IC is intended for two-way asynchronous
communication between data buses. The control
function
implementation
allows
maximum
flexibility in timing.
This device allows data transmission from the A
bus to B bus or from the B to the A bus depending
upon the logic level levels at the enable inputs
(GBA and GAB). The enable inputs can be used to
disable the device so that the buses are effectively
isolated. The dual enable configuration gives this
device
the
capability
to
store
data
by
simultaneous enabling of GBA and GAB.
Each output reinforces its input in this transceiver
configuration. Thus, when both control inputs are
enabled and all other data sources to the two sets
of bus lines are at high impedance, both sets of
bus lines (16 in all) will remain at their last states.
The 8-bit codes appearing on the two sets of
buses will be identical.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC623
OCTAL BUS TRANSCEIVER
WITH 3 STATE OUTPUTS (NON INVERTING)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC623B1R
SOP
M74HC623M1R
M74HC623RM13TR
TSSOP
M74HC623TTR
TSSOP
DIP
SOP


同様の部品番号 - M74HC623RM13TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
M74HC623B1R STMICROELECTRONICS-M74HC623B1R Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
M74HC623C1R STMICROELECTRONICS-M74HC623C1R Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
M74HC623F1R STMICROELECTRONICS-M74HC623F1R Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
M74HC623M1R STMICROELECTRONICS-M74HC623M1R Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
More results

同様の説明 - M74HC623RM13TR

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
Aug-2001
logo
Texas Instruments
CD54-74AC623 TI-CD54-74AC623 Datasheet
487Kb / 12P
OCTAL-BUS TRANSCEIVER,3-STATE, NON-INVERTING
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP Datasheet
232Kb / 6P
OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F620 FAIRCHILD-74F620 Datasheet
52Kb / 6P
Inverting Octal Bus Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
STMicroelectronics
M74HC640 STMICROELECTRONICS-M74HC640 Datasheet
307Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
Aug-2001
logo
Unisonic Technologies
U74LVC640 UTC-U74LVC640 Datasheet
208Kb / 5P
OCTAL BUS TRANSCEIVER WITH 3-STATE INVERTING OUTPUTS
logo
Motorola, Inc
MC74F640 MOTOROLA-MC74F640 Datasheet
88Kb / 4P
OCTAL BUS TRANSCEIVER, INVERTING WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com