データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM6675AS データシート(PDF) 44 Page - STMicroelectronics

部品番号 PM6675AS
部品情報  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS データシート(HTML) 44 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 40Page - STMicroelectronics PM6675AS Datasheet HTML 41Page - STMicroelectronics PM6675AS Datasheet HTML 42Page - STMicroelectronics PM6675AS Datasheet HTML 43Page - STMicroelectronics PM6675AS Datasheet HTML 44Page - STMicroelectronics PM6675AS Datasheet HTML 45Page - STMicroelectronics PM6675AS Datasheet HTML 46Page - STMicroelectronics PM6675AS Datasheet HTML 47Page - STMicroelectronics PM6675AS Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Application information
PM6675AS
44/48
Select C as shown:
Equation 52
Then calculate R in order to have enough ripple voltage on the integrator input:
Equation 53
Where RVERS is the new virtual output capacitor ESR. A good trade-off is to consider an
equivalent ESR of 30-50 m
Ω, even though the choice depends on inductor current ripple.
Then choose R1 as follows:
Equation 54
INT
C
5
C
>
C
R
L
R
VESR
=
Z
Z
f
C
1
R
f
C
1
R
1
R
π
⎟⎟
⎜⎜
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48