| データシートサーチシステム |
|
PM6685TR データシート(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM6685TR データシート(HTML) 41 Page - STMicroelectronics |
|
41 / 52 page ![]() PM6685 Monitoring and protections 41/52 Equation 27 The following condition should be satisfied: Equation 28 Where k is a free design parameter greater than 3 and determines the minimum integrator capacitor value CINT: Equation 29 In order to ensure stability it must be also verified that: Equation 30 C must be selected as shown: Equation 31 R must be chosen in order to have enough ripple voltage on integrator input: out ESR TOT R R R + = TOT out Z sw R C 2 k f k f × × π = × > OUT Z sw m INT V Vr f k f 2 g C × ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ − × π > OUT Zout m INT V Vr f 2 g C × × π > INT C 5 C × > |