データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHFL7913A データシート(PDF) 13 Page - STMicroelectronics

部品番号 RHFL7913A
部品情報  Rad-hard adjustable negative voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL7913A データシート(HTML) 13 Page - STMicroelectronics

Back Button RHFL7913A Datasheet HTML 9Page - STMicroelectronics RHFL7913A Datasheet HTML 10Page - STMicroelectronics RHFL7913A Datasheet HTML 11Page - STMicroelectronics RHFL7913A Datasheet HTML 12Page - STMicroelectronics RHFL7913A Datasheet HTML 13Page - STMicroelectronics RHFL7913A Datasheet HTML 14Page - STMicroelectronics RHFL7913A Datasheet HTML 15Page - STMicroelectronics RHFL7913A Datasheet HTML 16Page - STMicroelectronics RHFL7913A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
RHFL7913A
Package mechanical data
13/19
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19