| データシートサーチシステム |
|
QST108CB0 データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
QST108CB0 データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 51 page ![]() QST108 Device operating modes 15/51 4.5 Stand-alone mode This mode allows the user to simply replace existing mechanical switch interface with a capacitive sensing solution. It is designed for maximum flexibility and can accommodate most popular sensing requirements via option resistors (see Figure 5). 4.5.1 Main features ● Pins KOUT1 to KOUT8 directly reflect the state of keys ● Selectable global adjacent key suppression (AKS™) ● Selectable sleep duration ● Selectable Max On-Duration values ● Selectable BCD mode |