データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SRIX4K データシート(PDF) 33 Page - STMicroelectronics

部品番号 SRIX4K
部品情報  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K データシート(HTML) 33 Page - STMicroelectronics

Back Button SRIX4K Datasheet HTML 29Page - STMicroelectronics SRIX4K Datasheet HTML 30Page - STMicroelectronics SRIX4K Datasheet HTML 31Page - STMicroelectronics SRIX4K Datasheet HTML 32Page - STMicroelectronics SRIX4K Datasheet HTML 33Page - STMicroelectronics SRIX4K Datasheet HTML 34Page - STMicroelectronics SRIX4K Datasheet HTML 35Page - STMicroelectronics SRIX4K Datasheet HTML 36Page - STMicroelectronics SRIX4K Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
SRIX4K
SRIX4K commands
33/47
9.5
Completion() command
Command code = 0Fh
On receiving the Completion() command, an SRIX4K in Selected state switches to
Deactivated state and stops decoding any new commands. The SRIX4K is then locked in
this state until a complete reset (tag out of the field range). A new SRIX4K can thus be
accessed through a Select() command without having to remove the previous one from the
field. The Completion() command does not generate a response.
All SRIX4K devices not in Selected state ignore the Completion() command.
Figure 36.
Completion request format
Request parameters:
●
No parameter
Figure 37.
Completion response format
Figure 38.
Completion frame exchange between reader and SRIX4K
SOF
Completion
CRCL
CRCH
EOF
AI07679b
0Fh
8 bits
8 bits
AI07680
No Response
SOF
0Fh
CRCL
CRCH EOF
AI07681
Reader
SRIX4K
No Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47