データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST62T55CB3 データシート(PDF) 85 Page - STMicroelectronics

部品番号 ST62T55CB3
部品情報  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T55CB3 データシート(HTML) 85 Page - STMicroelectronics

Back Button ST62T55CB3 Datasheet HTML 78Page - STMicroelectronics ST62T55CB3 Datasheet HTML 79Page - STMicroelectronics ST62T55CB3 Datasheet HTML 80Page - STMicroelectronics ST62T55CB3 Datasheet HTML 81Page - STMicroelectronics ST62T55CB3 Datasheet HTML 82Page - STMicroelectronics ST62T55CB3 Datasheet HTML 83Page - STMicroelectronics ST62T55CB3 Datasheet HTML 84Page - STMicroelectronics ST62T55CB3 Datasheet HTML 85Page - STMicroelectronics ST62T55CB3 Datasheet HTML 86Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 86 page
background image
85/86
ST6255C ST6265B
2 SUMMARY OF CHANGES
Rev.
Main Changes
Date
2.9
Modification of “Additional Notes for EEPROM Parallel Mode” (p.13)
In section 4.2.4 on page 45: vector #4 instead of vector #3 in description of bit 6 (TSCR register).
Changed fRC values in section 6.4 on page 68
Changed Figure 48 on page 74.
Changed option list on page 84.
July 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86