データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST763A データシート(PDF) 10 Page - STMicroelectronics

部品番号 ST763A
部品情報  3.3V Step down current mode PWM DC-DC converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST763A データシート(HTML) 10 Page - STMicroelectronics

Back Button ST763A Datasheet HTML 6Page - STMicroelectronics ST763A Datasheet HTML 7Page - STMicroelectronics ST763A Datasheet HTML 8Page - STMicroelectronics ST763A Datasheet HTML 9Page - STMicroelectronics ST763A Datasheet HTML 10Page - STMicroelectronics ST763A Datasheet HTML 11Page - STMicroelectronics ST763A Datasheet HTML 12Page - STMicroelectronics ST763A Datasheet HTML 13Page - STMicroelectronics ST763A Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package mechanical data
ST763A series
10/14
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14