| データシートサーチシステム |
|
ST62T55CMC データシート(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T55CMC データシート(HTML) 78 Page - STMicroelectronics |
|
78 / 79 page ![]() 78/79 ST62T55CM-Auto ST62T65CM-Auto 8 SUMMARY OF CHANGES Date Revision Main Changes 13-Nov-2007 1 Document created from the ST62T55C/ST62T65C/ST62E65C, version 2.9, released July 2001. Differences between version 2.9 and current automotive version 1 are as follows: Automotive root part numbers, ST62T55CM-Auto and ST62T65CM-Auto created on page 1 FASTROM information added to page 1 and FASTROM cover page removed from page 77 Updated “DEVICE SUMMARY” on page 1 to include only automotive devices PDIP28 and SS0P28 packages removed from page 1, “PACKAGE MECHANICAL DA- TA” on page 74, Table 25, “. OTP/EPROM VERSION ORDERING INFORMATION,” on page 75, Table 27, “. FASTROM version Ordering Information,” on page 76 and “ST62P55CM/P65CM MICROCONTROLLER OPTION LIST” on page 77 Replaced 255 by 256 in the formula for max resolution ARTIMout duty cycle in section 4.3.2 on page 45 Altered note in “Capture Mode With Reset Of Counter And Prescaler, and PWM gener- ation” paragraph on page 48 Added a note in the description of ARMC register in section 4.3.3 on page 49 Added Section 7.2 SOLDERING INFORMATION and Section 7.4 IMPORTANT NOTE on page 75 Updated OTP sales types and added footnote 1 to Table 25 Updated FASTROM sales types in Table 27 Removed ROM device section and removed references to ROM device in the “ST62P55CM/P65CM MICROCONTROLLER OPTION LIST” on page 77 Updated temperature ranges and package information in“ST62P55CM/P65CM MI- CROCONTROLLER OPTION LIST” on page 77 Section 7.3 ORDERING INFORMATION changed to Section 7.3 OTP/EPROM VER- SION ORDERING INFORMATION Removed Section 8 GENERAL DESCRIPTION Section 8.1 INTRODUCTION changed to Section 7.5 FASTROM VERSION GENERAL DESCRIPTION Section 8.2 ORDERING INFORMATION changed to Section 7.6 FASTROM VERSION ORDERING INFORMATION |