データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6203BMA/CCCE データシート(PDF) 65 Page - STMicroelectronics

部品番号 ST6203BMA/CCCE
部品情報  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6203BMA/CCCE データシート(HTML) 65 Page - STMicroelectronics

Back Button ST6203BMA/CCCE Datasheet HTML 61Page - STMicroelectronics ST6203BMA/CCCE Datasheet HTML 62Page - STMicroelectronics ST6203BMA/CCCE Datasheet HTML 63Page - STMicroelectronics ST6203BMA/CCCE Datasheet HTML 64Page - STMicroelectronics ST6203BMA/CCCE Datasheet HTML 65Page - STMicroelectronics ST6203BMA/CCCE Datasheet HTML 66Page - STMicroelectronics ST6203BMA/CCCE Datasheet HTML 67Page - STMicroelectronics ST6203BMA/CCCE Datasheet HTML 68Page - STMicroelectronics ST6203BMA/CCCE Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto
65/96
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
Figure 40. Typical IDD in WAIT vs fCPU and Temperature for ROM devices
34
56
VDD [V]
0
100
200
300
400
500
600
IDD [µA]
8MHz
4MHz
2MHz
1M
32KHz
-202595
125
T[°C]
100
150
200
250
300
350
400
450
IDD [µA]
8MHz
4MHz
2MHz
1MHz
32KHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96