データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA011 データシート(PDF) 33 Page - STMicroelectronics

部品番号 STA011
部品情報  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 データシート(HTML) 33 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 29Page - STMicroelectronics STA011 Datasheet HTML 30Page - STMicroelectronics STA011 Datasheet HTML 31Page - STMicroelectronics STA011 Datasheet HTML 32Page - STMicroelectronics STA011 Datasheet HTML 33Page - STMicroelectronics STA011 Datasheet HTML 34Page - STMicroelectronics STA011 Datasheet HTML 35Page - STMicroelectronics STA011 Datasheet HTML 36Page - STMicroelectronics STA011 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
STA011
Programming specifications
33/38
6.5.5
Loop divider division ratio
6.6
XTAL
Table 38.
Loop divider division ratio
D40
D39
D38
D37
D36
D35
D34
D33
D32
D31
D30
Description
Notes
……
0
1
1
110
1
1
0
1
1
N=987
……
1
0
0
000
0
1
0
1
0
N=1034
Startup
configuration
……
1
0
0
001
1
1
0
0
1
N=1081
……
Table 39.
XTAL
Description
Notes
D29
0
M_CLK output buffer ON
Startup configuration
1
M_CLK output buffer OFF
D28
0
M_CLK double ended output
Startup configuration
1
M_CLK single ended output
Cut-off frequency setting
D27
D26
0
0
Maximum cut-off frequency
0
1
Intermediate 1
1
0
Intermediate 2
Startup configuration
1
1
Minimum cut-off frequency
D25
0
open loop gain set low
1
open loop gain set high
Startup configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38