| データシートサーチシステム |
|
ST6203LMA/CCCE データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6203LMA/CCCE データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 96 page ![]() ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 18/96 5 CLOCKS, SUPPLY AND RESET 5.1 CLOCK SYSTEM The main oscillator of the MCU can be driven by any of these clock sources: – external clock signal – external AT-cut parallel-resonant crystal – external ceramic resonator – external RC network (RNET). In addition, an on-chip Low Frequency Auxiliary Oscillator (LFAO) is available as a back-up clock system or to reduce power consumption. An optional Oscillator Safeguard (OSG) filters spikes from the oscillator lines, and switches to the LFAO backup oscillator in the event of main oscil- lator failure. It also automatically limits the internal clock frequency (fINT) as a function of VDD, in order to guarantee correct operation. These functions are illustrated in Figure 10, and Figure 11. Table 5 illustrates various possible oscillator con- figurations using an external crystal or ceramic resonator, an external clock input, an external re- sistor (RNET), or the lowest cost solution using only the LFAO. For more details on configuring the clock options, refer to the Option Bytes section of this document. The internal MCU clock frequency (fINT) is divided by 12 to drive the Timer, the Watchdog timer and the A/D converter, by 13 to drive the CPU core and the SPI and by 1 or 3 to drive the ARTIMER, as shown in Figure 9. With an 8 MHz oscillator, the fastest CPU cycle is therefore 1.625µs. A CPU cycle is the smallest unit of time needed to execute any operation (for instance, to increment the Program Counter). An instruction may require two, four, or five CPU cycles for execution. Figure 9. Clock Circuit Block Diagram MAIN OSCILLATOR OSG LFAO CORE : 13 : 12 8-BIT TIMER WATCHDOG fINT OSCOFF BIT ADC 0 1 filtering OSCILLATOR SAFEGUARD (OSG) OSG ENABLE OPTION BIT (See OPTION BYTE SECTION) (ADCR REGISTER) fOSC * Depending on device. See device summary on page 1. * * Oscillator Divider SPI : 1 : 3 8-BIT ARTIMER 8-BIT ARTIMER 1 |