データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA323W データシート(PDF) 19 Page - STMicroelectronics

部品番号 STA323W
部品情報  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W データシート(HTML) 19 Page - STMicroelectronics

Back Button STA323W_08 Datasheet HTML 15Page - STMicroelectronics STA323W_08 Datasheet HTML 16Page - STMicroelectronics STA323W_08 Datasheet HTML 17Page - STMicroelectronics STA323W_08 Datasheet HTML 18Page - STMicroelectronics STA323W_08 Datasheet HTML 19Page - STMicroelectronics STA323W_08 Datasheet HTML 20Page - STMicroelectronics STA323W_08 Datasheet HTML 21Page - STMicroelectronics STA323W_08 Datasheet HTML 22Page - STMicroelectronics STA323W_08 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
STA323W
Electrical specifications
19/77
4.4
Timing specifications
Figure 9.
Test circuit 1
IVCC
Supply current from VCC in
operation
(both channel switching)
Input pulse width = 50%
duty,
switching frequency =
384 kHz,
no LC filters;
80
mA
Iout-sh
Overcurrent protection
threshold (short circuit current
limit)
46
A
VUV
Under voltage protection
threshold
7V
tpw-min
Output minimum pulse width
No Load
70
150
ns
Po
Output power
THD = 10%,
RL = 8 Ω, VCC = 18 V
20
W
Po
Output power
THD = 1%,
RL = 8 Ω, VCC = 18 V
16
W
Table 11.
Power electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 12.
Timing characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tRESET
Hold time for RESET (pin 22)
Active low rest
100
ns
fVCO
VCO free run frequency
No clock applied to XTI
18
28
MHz
DTr
DTf
Vcc
(3/4)Vcc
(1/2)Vcc
(1/4)Vcc
t
OUTxY
Low current dead time = MAX(DTr, DTf)
+Vcc
Duty cycle = 50%
INxY
M58
M57
OUTxY
gnd
vdc = Vcc/2
V67
R 8
Ω
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77