| データシートサーチシステム |
|
STA335BWQS データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA335BWQS データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 72 page ![]() STA335BWQS Register description 39/72 STA335BWQS can be configured to support different output configurations. For each PWM output channel a PWM slot is defined. The PWM slot always has a time duration of 1 / (8 * fs) seconds and defines the maximum extension for PWM rising and falling edges, that is, rising edge as far as the falling edge cannot range outside PWM slot boundaries. Figure 16. Output mapping scheme. Figure 12. OCFG = 00 (default value) Figure 13. OCFG = 01 Figure 14. OCFG = 10 Figure 15. OCFG = 11 Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 2 Channel 1 LPF LineOut 1 OUT3B LPF LineOut 2 OUT4B OUT4A OUT3A Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 3 Channel 1 Channel 2 Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 2 Channel 1 Power Device OUT3B OUT3A EAPD Channel 3 Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 3 OUT3B OUT4B OUT4A OUT3A Channel 1 Channel 2 DDX™ modulator REM AP DDX1A DDX1B DDX2A DDX2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B DDX3A DDX3B DDX4A DDX4B OUT3A OUT3B OUT4A OUT4B |