| データシートサーチシステム |
|
ST62T03BNC/CCCE データシート(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T03BNC/CCCE データシート(HTML) 78 Page - STMicroelectronics |
|
78 / 96 page ![]() ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 78/96 I/O PORT PIN CHARACTERISTICS (Cont’d) 11.8.2 Output Driving Current Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified. Notes: 1. The IIO current sunk must always respect the absolute maximum rating specified in Section 11.2.2 and the sum of IIO (I/O ports and control pins) must not exceed IVSS. 2. The IIO current source must always respect the absolute maximum rating specified in Section 11.2.2 and the sum of IIO (I/O ports and control pins) must not exceed IVDD. True open drain I/O pins does not have VOH. Figure 57. Typical VOL at VDD = 5V (standard) Figure 58. Typical VOL at VDD = 5V (high-sink) Symbol Parameter Conditions Min Max Unit VOL 1) Output low level voltage for a standard I/O pin (see Figure 57 and Figure 60) IIO=+10µA, TA≤125°C 0.1 V IIO=+3mA, TA≤125°C 0.8 IIO=+5mA, TA≤85°C 0.8 IIO=+10mA, TA≤85°C 1.2 Output low level voltage for a high sink I/O pin (see Figure 58 and Figure 61) IIO=+10µA, TA≤125°C 0.1 IIO=+7mA, TA≤125°C 0.8 IIO=+10mA, TA≤85°C 0.8 IIO=+15mA, TA≤125°C 1.3 IIO=+20mA, TA≤85°C 1.3 IIO=+30mA, TA≤85°C 2 VOH 2) Output high level voltage for an I/O pin (see Figure 59 and Figure 62) IIO=-10µA, TA≤125°C VDD-0.1 IIO=-3mA, TA≤125°C VDD-1.5 IIO=-5mA, TA≤85°C VDD-1.5 02 4 6 8 10 Iio [mA] 0 200 400 600 800 100 0 Vol [mV] at Vdd=5V Ta =-40°C Ta =25°C Ta =95°C Ta =125 °C 04 8 12 16 20 Iio [mA] 0 0.2 0.4 0.6 0.8 1 Vol [V] at Vd d=5V Ta =-40°C Ta =25°C Ta =95°C Ta =125 °C 1 |