データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6253CM3/XXX データシート(PDF) 57 Page - STMicroelectronics

部品番号 ST6253CM3/XXX
部品情報  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6253CM3/XXX データシート(HTML) 57 Page - STMicroelectronics

Back Button ST6253CM3/XXX Datasheet HTML 53Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 54Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 55Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 56Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 57Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 58Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 59Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 60Page - STMicroelectronics ST6253CM3/XXX Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
57/84
ST62T53C/T60C/T63C ST62E60C
SERIAL PERIPHERAL INTERFACE SPI (Cont’d)
4.6 SPI Timing Diagrams
Figure 32. CPOL = 0 Clock Polarity Normal, CPHA = 0 Phase Selection Normal
Figure 33. CPOL = 1 Clock Polarity Inverted, CPHA = 0 Phase Selection Normal
SPRUN
Sout
Sin
b7
b6
b5
b4
b3
b2
b1
b0
VR001694
SCK
Sampling
SPRUN
SCK
Sout
Sin
b7
b6
b5
b4
b3
b2
b1
b0
VR0A1694
Sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84