データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7MDT2-EPB2/EU データシート(PDF) 60 Page - STMicroelectronics

部品番号 ST7MDT2-EPB2/EU
部品情報  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-EPB2/EU データシート(HTML) 60 Page - STMicroelectronics

Back Button ST7MDT2-EPB2/EU Datasheet HTML 56Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 57Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 58Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 59Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 60Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 61Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 62Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 63Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
60/150
16-BIT TIMER (Cont’d)
Figure 34. Input Capture Block Diagram
Figure 35. Input Capture Timing Diagram
ICIE
CC0
CC1
16-BIT FREE RUNNING
COUNTER
IEDG1
(Control Register 1) CR1
(Control Register 2) CR2
ICF2
ICF1
0
0
0
(Status Register) SR
IEDG2
ICAP1
ICAP2
EDGE DETECT
CIRCUIT2
16-BIT
IC1R Register
IC2R Register
EDGE DETECT
CIRCUIT1
pin
pin
FF01
FF02
FF03
FF03
TIMER CLOCK
COUNTER REGISTER
ICAPi PIN
ICAPi FLAG
ICAPi REGISTER
Note: Active edge is rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More