| データシートサーチシステム |
|
ST7MDT2-EMU2B データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MDT2-EMU2B データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 150 page ![]() ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto 39/150 POWER SAVING MODES (Cont’d) 10.4.2 Halt Mode The Halt mode is the lowest power consumption mode of the MCU. It is entered by executing the HALT instruction when the OIE bit of the Main Clock Controller Status register (MCCSR) is cleared (see Section 13.2 "MAIN CLOCK CON- TROLLER WITH REAL-TIME CLOCK TIMER (MCC/RTC)" on page 53 for more details on the MCCSR register). The MCU can exit Halt mode on reception of either a specific interrupt (see Table 6, “Interrupt Map- ping,” on page 35) or a RESET. When exiting Halt mode by means of a RESET or an interrupt, the oscillator is immediately turned on and the 4096 CPU cycle delay is used to stabilize the oscillator. After the start up delay, the CPU resumes opera- tion by servicing the interrupt or by fetching the re- set vector which woke it up (see Figure 24). When entering Halt mode, the I bit in the CC regis- ter is forced to 0 to enable interrupts. Therefore, if an interrupt is pending, the MCU wakes immedi- ately. In Halt mode, the main oscillator is turned off caus- ing all internal processing to be stopped, including the operation of the on-chip peripherals. All periph- erals are not clocked except the ones which get their clock supply from another clock generator (such as an external or auxiliary oscillator). The compatibility of Watchdog operation with Halt mode is configured by the “WDGHALT” option bit of the option byte. The HALT instruction when ex- ecuted while the Watchdog system is enabled, can generate a Watchdog RESET (see Section 17.2 on page 143 for more details). Figure 23. HALT Timing Overview Figure 24. Halt Mode Flowchart Notes: 1. WDGHALT is an option bit. See OPTION BYTES section for more details. 2. Peripheral clocked with an external clock source can still be active. 3. Only some specific interrupts can exit the MCU from Halt mode (such as external interrupt). Refer to Table 6, “Interrupt Mapping,” on page 35 for more details. 4. Before servicing an interrupt, the CC register is pushed on the stack. The I bit of the CC register is set during the interrupt routine and cleared when the CC register is popped. HALT RUN RUN 4096 CPU CYCLE DELAY RESET OR INTERRUPT HALT INSTRUCTION FETCH VECTOR [MCCSR.OIE=0] HALT INSTRUCTION RESET INTERRUPT 3) Y N N Y CPU OSCILLATOR PERIPHERALS 2) IBIT OFF OFF 0 OFF FETCH RESET VECTOR OR SERVICE INTERRUPT CPU OSCILLATOR PERIPHERALS IBIT ON OFF X 4) ON CPU OSCILLATOR PERIPHERALS IBITS ON ON X 4) ON 4096 CPU CLOCK CYCLE DELAY WATCHDOG ENABLE DISABLE WDGHALT 1) 0 WATCHDOG RESET 1 (MCCSR.OIE=0) |