データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE3800 データシート(PDF) 8 Page - STMicroelectronics

部品番号 ADE3800
部品情報  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 データシート(HTML) 8 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 4Page - STMicroelectronics ADE3800_05 Datasheet HTML 5Page - STMicroelectronics ADE3800_05 Datasheet HTML 6Page - STMicroelectronics ADE3800_05 Datasheet HTML 7Page - STMicroelectronics ADE3800_05 Datasheet HTML 8Page - STMicroelectronics ADE3800_05 Datasheet HTML 9Page - STMicroelectronics ADE3800_05 Datasheet HTML 10Page - STMicroelectronics ADE3800_05 Datasheet HTML 11Page - STMicroelectronics ADE3800_05 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 138 page
background image
General Description
ADE3800
8/138
Sync / Timing
Measurement
Once an input source is selected, all available information on frequencies and
line/pixel counts is measured for the selected source and made available to the
MCU.
SMEAS
36
Mode Set
Once the MCU has determined the matching video mode or calculated a video
mode using a GTF algorithm, the datapath is programmed to drive the flat
panel. Clock frequencies for the internal memory and datapath are also set at
this time.
GLBL
LLK
SRT
SMUX
SCALER
18
30
33
43
53
Autotune
When the MCU calls for an autotune, the MCU sets up an iterative loop to
search for the best phase, gain, offset, etc. At each step of the loop, the MCU
kicks off a test in which the ADE3800 performs extensive statistical analysis of
the incoming data stream. The results of the analysis are made available to the
MCU which is responsible for the optimization algorithm.
DMEAS
LLK
ADC
SMUX
SRT
47
30
21
43
33
Digital Contrast /
Brightness
In response to user OSD control, the MCU can program single 8-bit registers
that set brightness and contrast for each color channel independently.
SRGB
68
White Point Control In response to user OSD control, the MCU can program three 8-bit registers
that set the white point for the output.
SRGB
68
GAMMA
Adjustment
The MCU can program the gamma RAMs to implement 10-bit accurate color
transformations to match the panel color characteristics.
GAMMA
71
sRGB Control
Allows simple, intuitive color control for parametric gamma correction and 3D
color cube warping.
SRGB
68
Pattern Generation
For production testing, the ADE3800 can be programmed by the MCU to output
a wide set of test patterns.
PGEN
59
Flicker Reduction
For Smart Panel applications, the MCU can set up the flicker detection block to
report any correlation with the polarity inversion signal. The MCU can then
change the polarity inversion to a non-correlating pattern to eliminate flicker.
FLICKER
TCON
88
102
Backlight Control
The ADE3800 provides two PWM outputs for direct control of the power
components in a typical backlight. The MCU sets up the registers and enables
the function.
PWM
119
Low Power State
To enter a low power state, the MCU can gate off most of the clocks and put the
analog blocks into a low power standby state.
GLBL
18
Table 1: ADE3800 Features (Sheet 2 of 2)
Feature
Description of ADE3800 Operation
Blocks Used
Pages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More