| データシートサーチシステム |
|
ADE3800SXT データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3800SXT データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 138 page ![]() 61/138 ADE3800 Register Description by Block ● Number of bars in C1 = PGEN_P0_MODE[4:2] +1 = 4 (bars 0 to 3) PGEN_P0_SEQ_COL0_COL1 = 42: ● Bar 0 filters G and B components but lets R pass: this 1st bar is displayed in red ● Bar 1 filters R and B components but lets G pass: this 2nd bar is displayed in green PGEN_P0_SEQ_COL2_COL3 = 17: ● Bar 2 filters R and G components but lets B pass: this 3rd bar is displayed in blue ● Bar 3 does not filter any of the R G B components: this 4th bar is displayed in white PGEN_P0_SEQ_COL4_COL5 = 77: bars 4 and 5 do not filter R G B and are displayed in white. PGEN_P0_SEQ_COL6_COL7 is don’t care, since a maximum of 6 bars is used by C0 and C1. Across the display, 6 bars [red] [green] [blue] [white] [white] [white] (from C0 group) are now displayed, followed by 4 bars [red] [green] [blue] [white] (from C1 group), then again 6 bars from C0 group etc.. until the right border of the display area is reached: The bars also repeat vertically. 4.11.2.4 Gradient Control The gradient control registers modify the colors C0 and C1 as follows: ● PGEN_P0_GRADDELTA_R: increment the Red value by this register value ● PGEN_P0_GRADDELTA_G: increment the Green value by this register value ● PGEN_P0_GRADDELTA_B: increment the Blue value by this register value ● PGEN_P0_GRADSTEP_X: apply the increment value to each color every X horizontal pixels ● PGEN_P0_GRADSTEP_Y: apply the increment value to each color every Y vertical lines Col Sequence: (‘bar0’ = 5, ’bar1’ = 3 ) & = & = C0 C0 C0 C0 C0 C0 C0 C0 C1 C1 C1 C1 C1 C1 C1 C1 RGB 2 RGB 0 RGB 1 RGB 3 RGB 4 RGB 5 RGB 6 RGB 7 RGB 2 RGB 0 RGB 1 RGB 3 RGB 4 RGB 5 RGB 6 RGB 7 2 01 3 4 5 6 7 2 0 1 3 4 5 6 7 width (in pix) width (in pix) width (in pix) width (in pix) RGBmasks (3 bit each) seq_colx_colx RGBcolors (24 bit) Resulting pattern: disabled disabled Identical mask sets |