| データシートサーチシステム |
|
L6204D データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6204D データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 12 page ![]() L6204 2/12 PIN CONNECTIONS PIN DESCRIPTION (*) For SO package the pins 4, 5, 10, 11, 18, 19, 24 and 25 are not connected. SO Pin (*) DIP Pin Symbols Functions 1 1 SENSE 1 Sense resistor to provide the feedback for motor current control of the bridge A 2 2 IN1 Digital input from the motor controller (bridge A) 3 3 ENABLE 1 A logic level low on this pin disable the bridge A 6 4 OUT 1 Output of one half bridge of the bridge A 7 5 GND Common Power Ground 8 6 GND Common Power Ground 9 7 OUT 3 Ouput of one half bridge of the bridge B 12 8 ENABLE 2 A logic level low on this pin disable the bridge B 13 9 IN 3 Digital input from the motor controller (bridge B) 14 10 SENSE 2 Sense resistor to provide the feedback for motor current control of the bridge B 15 11 BOOSTRAP OSC. VCP Oscillator output for the external charge pump 16 12 IN 4 Digital input from the motor controller (bridge B) 17 13 OUT 4 Output of one half bridge of the bridge B 20 14 VS2 Supply voltage bridge B 21 15 GND Common Power Ground 22 16 GND Common Power Ground 23 17 VS1 Supply Voltage bridge A 26 18 OUT 2 Output of one half bridge of the bridge A 27 19 IN 2 Digital input from the motor controller (bridge A) 28 20 VBOOT Overvoltage input for driving of the upper DMOS 1 3 2 4 5 6 7 8 9 20 19 18 17 16 14 15 13 12 DIP20 10 11 GND OUT3 ENABLE2 SENSE2 IN3 IN4 VCP OUT4 Vs2 GND SENS1 IN1 ENABLE1 OUT1 GND GND Vs1 OUT2 IN2 VBOOT SENSE1 IN1 ENABLE1 N.C. N.C. GND OUT1 GND OUT3 VS2 GND GND N.C. VS1 N.C. OUT2 IN2 VBOOT 1 3 2 4 5 6 7 8 9 26 25 24 23 22 20 21 19 27 10 28 N.C. N.C. SO24+2+2 N.C. ENABLE2 IN3 IN4 OUT4 N.C. 11 12 13 18 16 17 15 14 SENSE2 VCP DIP16+2+2 SO24+2+2 |