データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6219R データシート(PDF) 12 Page - STMicroelectronics

部品番号 L6219R
部品情報  Stepper motor driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219R データシート(HTML) 12 Page - STMicroelectronics

Back Button L6219R Datasheet HTML 8Page - STMicroelectronics L6219R Datasheet HTML 9Page - STMicroelectronics L6219R Datasheet HTML 10Page - STMicroelectronics L6219R Datasheet HTML 11Page - STMicroelectronics L6219R Datasheet HTML 12Page - STMicroelectronics L6219R Datasheet HTML 13Page - STMicroelectronics L6219R Datasheet HTML 14Page - STMicroelectronics L6219R Datasheet HTML 15Page - STMicroelectronics L6219R Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application informations
L6219R
12/16
4
Application informations
Some stepper motors are not designed for contin-uous operation at maximum current. As
the circuit drives a constant current through the motor, its temperature might increase
exceedingly both at low and high speed operation.Also, some stepper motors have such
high core losses that they are not suited for switch mode current regulation.
Unused inputs should be connected to proper voltage levels in order to get the highest noise
immunity.
As the circuit operates with switch mode current regulation, interference generation
problems might arise in some applications. A good measure might then be to decouple the
circuit with a 100nF capacitor, located near the package between power line and ground.
The ground lead between Rs, and circuit GND should be kept as short as possible.
A typical Application Circuit is shown in Figure 5.
Note that Ct must be NPO type or similar else.
To sense the winding current, paralleled metal film resistors are recommended (Rs)
Figure 5.
Typical Application Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16