データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6226Q データシート(PDF) 23 Page - STMicroelectronics

部品番号 L6226Q
部品情報  DMOS dual full bridge driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226Q データシート(HTML) 23 Page - STMicroelectronics

Back Button L6226Q Datasheet HTML 19Page - STMicroelectronics L6226Q Datasheet HTML 20Page - STMicroelectronics L6226Q Datasheet HTML 21Page - STMicroelectronics L6226Q Datasheet HTML 22Page - STMicroelectronics L6226Q Datasheet HTML 23Page - STMicroelectronics L6226Q Datasheet HTML 24Page - STMicroelectronics L6226Q Datasheet HTML 25Page - STMicroelectronics L6226Q Datasheet HTML 26Page - STMicroelectronics L6226Q Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
L6226Q
Thermal management
23/28
8
Thermal management
In most applications the power dissipation in the IC is the main factor that sets the
maximum current that can be deliver by the device in a safe operating condition. Therefore,
it has to be taken into account very carefully. Besides the available space on the PCB, the
right package should be chosen considering the power dissipation. Heat sinking can be
achieved using copper on the PCB with proper area and thickness. For instance, using a
VFQFPN32L 5x5 package the typical Rth(JA) is about 22 °C/W when mounted on a double-
layer FR4 PCB with a dissipating copper surface of 0.5 cm2 on the top side plus 6 cm2
ground layer connected through 18 via holes (9 below the IC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28