| データシートサーチシステム |
|
M3004LDT データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M3004LDT データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 14 page ![]() 5/14 M3004LD Table 3. Transmission Mode and Sub-system Adress Selection Note: O = connected to ADRM blank = not connected to ADRM X = don’t care Table 4. Key codes Note: 1. The complete matrix drive as shown above for SEN0N is also applicable for the matrix sense inputs SEN1N to SEN6N and the combined SEN5/SEN6N. 2. The C, B and A codes are identical to SEN0N as given above. Mode Sub-system Address Driver DRVnN for n = # S2 S1 S0 012 3456 F L A S H E D 0 1 2 3 4 5 6 1 0 0 0 0 1 1 1 0 0 1 1 0 0 1 0 1 0 1 0 1 O X X X X X O X X X X O X X X O X X O XO M O D U L A T E D 0 1 2 3 4 5 6 1 0 0 0 0 1 1 1 0 0 1 1 0 0 1 0 1 0 1 0 1 O X X X X X O X X X X O X X X O X X O XO O O O O O O Matrix Drive Matrix Sense Code Matrix Position F E D CBA DRV0N DRV1N DRV2N DRV3N DRV4N DRV5N DRV6N VSS SEN0N SEN0N SEN0N SEN0N SEN0N SEN0N SEN0N SEN0N 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 2 3 4 5 6 7 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 SEN1N SEN2N SEN3N SEN4N SEN5N SEN6N SEN5N and SEN6N 0 0 0 1 1 1 1 0 1 1 0 0 1 1 1 0 1 0 1 0 1 Note 2 Note 2 Note 2 Note 2 Note 2 Note 1 Note 2 8 to 15 16 to 23 24 to 31 32 to 39 40 to 47 48 to 55 56 to 63 |