| データシートサーチシステム |
|
STP4NA80FI データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP4NA80FI データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() THERMAL DATA TO-220 ISOWATT220 Rthj-case Thermal Resist ance Junct ion-case Max 1.13 2. 77 oC/W Rthj-amb Rthc- sink Tl Thermal Resist ance Junct ion-ambient Max Thermal Resist ance Case-sink Typ Maximum Lead Temperature For Soldering Purpose 62.5 0.5 300 oC/W oC/W oC AVALANCHE CHARACTERISTICS Symbol Parameter Max Value Uni t IAR Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max, δ <1%) 4A EAS Single Pulse Avalanche Energy (st arting Tj =25 oC, ID =IAR,VDD =50 V) 80 mJ EAR Repet itive Avalanche Energy (pulse width limited by Tj max, δ <1%) 3.1 mJ IAR Avalanche Current, Repetitive or Not-Repetitive (T c = 100 oC, pulse width limited by Tj max, δ <1%) 2.5 A ELECTRICAL CHARACTERISTICS (Tcase =25 oC unless otherwise specified) OFF Symbol Parameter Test Condi tions Mi n. Typ. Max. Unit V(BR)DSS Drain-source Breakdown Voltage ID =250 µAVGS = 0 800 V IDS S Zero Gate Volt age Drain Current (VGS =0) VDS =Max Rating VDS = Max Rating x 0.8 Tc =125 oC 250 1000 µA µA IGSS Gate-body Leakage Current (VDS =0) VGS = ± 30 V ± 100 nA ON ( ∗) Symbol Parameter Test Condi tions Mi n. Typ. Max. Unit VGS(th) Gate Threshold Voltage VDS =VGS ID =250 µA 2. 25 3 3. 75 V RDS(on) St atic Drain-source On Resist ance VGS =10V ID =2 A VGS =10V ID =2 A Tc =100 oC 2.4 3 6 Ω Ω ID(on) On St ate Drain Current VDS >ID(on) xRD S(on)max VGS =10 V 4A DYNAMIC Symbol Parameter Test Condi tions Mi n. Typ. Max. Unit gfs ( ∗)Forward Transconductance VDS >ID(on) xRD S(on)max ID =2 A 2.5 4.3 S Ciss Coss Crss I nput Capacitance Output Capacit ance Reverse Transfer Capacitance VDS = 25V f = 1MHz VGS =0 955 105 24 1350 150 35 pF pF pF STP4NA80/FI 2/10 |