| データシートサーチシステム |
|
QST108CB1 データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
QST108CB1 データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 51 page ![]() Device operating modes QST108 18/51 Output mode option The QST108 offers several outputs mode to fit any existing application. Table 7. Output mode (OM) truth table OPT6/OM Description VSS Individual key state output mode: One output per sensing channel VDD BCD output mode: Binary-coded touched key number (see Table 8)(1) 1. In BCD mode, the AKS function must be enabled. Table 8. Binary code truth table KOUT4 KOUT3 KOUT2 KOUT1 Description 0 0 0 0 All released 0 0 0 1 Key 1 pressed 0 0 1 0 Key 2 pressed 0 0 1 1 Key 3 pressed 0 1 0 0 Key 4 pressed 0 1 0 1 Key 5 pressed 0 1 1 0 Key 6 pressed 0 1 1 1 Key 7 pressed 1 0 0 0 Key 8 pressed Other Not used |