データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7F10BF1B3 データシート(PDF) 5 Page - STMicroelectronics

部品番号 ST7F10BF1B3
部品情報  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1B3 データシート(HTML) 5 Page - STMicroelectronics

  ST7F10BF1B3 Datasheet HTML 1Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 2Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 3Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 4Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 5Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 6Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 7Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 8Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 159 page
background image
ST7LITE1xB
5/159
2 PIN DESCRIPTION
Figure 2. 20-Pin SO and DIP Package Pinout
Figure 3. 20-Pin QFN Package Pinout
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VSS
VDD
AIN5/PB5
COMPIN-/CLKIN/AIN4/PB4
MOSI/AIN3/PB3
MISO/AIN2/PB2
SCK/AIN1/PB1
COMPIN+/SS/AIN0/PB0
OSC1/CLKIN/PC0
OSC2/PC1
PA5 (HS)/ATPWM3/ICCDATA
PA4 (HS)/ATPWM2
PA3 (HS)/ATPWM1
PA2 (HS)/ATPWM0
PA1 (HS)/ATIC
PA0 (HS)/LTIC
(HS) 20mA High sink capability
eix
associated external interrupt vector
12
11
9
10
AIN6/PB6
PA7(HS)/COMPOUT
PA6/MCO/ICCCLK/BREAK
RESET
ei3
ei2
ei0
ei1
2
1
3
4
5
78
9
10
11
12
13
14
15
17
18
19
20
MOSI/AIN3/PB3
MISO/AIN2/PB2
SCK/AIN1/PB1
COMPIN+/SS/AIN0/PB0
RESET
PA5 (HS)/ATPWM3/ICCDATA
PA4 (HS)/ATPWM2
PA3 (HS)/ATPWM1
PA2 (HS)/ATPWM0
PA1 (HS)/ATIC
(HS) 20mA High sink capability
eix
associated external interrupt vector
ei3
ei1
ei0
6
COMPIN-/CLKIN/AIN4/PB4
ei2
16
PA0 (HS)/LTIC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More