| データシートサーチシステム |
|
ST7F10BF0U3 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7F10BF0U3 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 159 page ![]() June 2008 1/159 Rev 6 ST7LITE1xB 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI ■ Memories – up to 4 Kbytes single voltage extended Flash (XFlash) Program memory with read-out pro- tection, In-Circuit Programming and In-Appli- cation programming (ICP and IAP). 10K write/ erase cycles guaranteed, data retention: 20 years at 55°C. – 256 bytes RAM – 128 bytes data EEPROM with read-out pro- tection. 300K write/erase cycles guaranteed, data retention: 20 years at 55°C. ■ Clock, Reset and Supply Management – Enhanced reset system – Enhanced low voltage supervisor (LVD) for main supply and an auxiliary voltage detector (AVD) with interrupt capability for implement- ing safe power-down procedures – Clock sources: Internal 1% RC oscillator (on ST7FLITE15B and ST7FLITE19B), crystal/ ceramic resonator or external clock – Internal 32-MHz input clock for Auto-reload timer – Optional x4 or x8 PLL for 4 or 8 MHz internal clock – Five Power Saving Modes: Halt, Active-Halt, Auto Wake-up from Halt, Wait and Slow ■ I/O Ports – Up to 17 multifunctional bidirectional I/O lines –7 high sink outputs ■ 5 Timers – Configurable watchdog timer – Two 8-bit Lite Timers with prescaler, 1 realtime base and 1 input capture – Two 12-bit Auto-reload Timers with 4 PWM outputs, 1 input capture, 4 output compare and one pulse functions ■ Communication Interface – SPI synchronous serial interface ■ Interrupt Management – 12 interrupt vectors plus TRAP and RESET – 15 external interrupt lines (on 4 vectors) ■ Analog Comparator ■ A/D Converter – 7 input channels – Fixed gain Op-amp – 13-bit precision for 0 to 430 mV (@ 5V VDD) – 10-bit precision for 430 mV to 5V (@ 5V VDD) ■ Instruction Set – 8-bit data manipulation – 63 basic instructions with illegal opcode de- tection – 17 main addressing modes – 8 x 8 unsigned multiply instructions ■ Development Tools – Full hardware/software development package – DM (Debug Module) Device Summary DIP20 DIP16 SO16 300” QFN20 SO20 Features ST7LITE10B ST7LITE15B ST7LITE19B Program memory - bytes 2K/4K RAM (stack) - bytes 256 (128) Data EEPROM - bytes - - 128 Peripherals Lite Timer with Wdg, Autoreload Timer, SPI, 10-bit ADC with Op-Amp Lite Timer with Wdg, Autoreload Timer with 32-MHz input clock, SPI, 10-bit ADC with Op-Amp, Analog Comparator Operating Supply 2.7V to 5.5V CPU Frequency Up to 8Mhz(w/ ext OSC at 16MHz) Up to 8Mhz (w/ ext OSC at 16MHz or int 1MHz RC 1%, PLLx8/4MHz) Operating Temperature -40°C to +85°C / -40°C to +125°C Packages SO20 300”, DIP20, SO16 300”, DIP16 SO20 300”, DIP20, SO16 300”, DIP16, QFN20 1 |
同様の部品番号 - ST7F10BF0U3 |
|
同様の説明 - ST7F10BF0U3 |