| データシートサーチシステム |
|
STW4811MBHD/LF データシート(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW4811MBHD/LF データシート(HTML) 49 Page - STMicroelectronics |
|
49 / 86 page ![]() Functional description STw4811M/STw4811N 48/85 4.4.2 Modes and operations Power modes The transceiver power modes are: ● active mode ● suspend mode ● power down mode In suspend mode the differential transmitter and receiver are turned off to save power but the USB interface is still active (pull-up and pull-down on, VBUS on). In power down mode, only the serial interface is active and the transceiver is able to detect SRP. In power down mode, ID ball can be grounded by ‘id_gnd’ bit of USB control register 2 ( Table 12). USB modes The two transceiver modes are: ● DAT_SEO mode (dat_se0 = 1 in USB control register 1 - Table 11) ● VP_VM mode (dat_se0 = 0 in USB control register 1 - Table 11) Data transmission The transceiver transmits USB data in the following conditions for USB control register 1 (Table 32, Table 33): uart_en=0; oe_int_en=0 and USBOEn ball at low level. Table 32. Data transmission via USB control register 1 (DAT_SE0 mode) - Suspend = 0 USB mode (DAT_SE0) Inputs Outputs Comments USBVP USBVM DP DN USBRCV 1 (DAT_SE0 mode) 0 0 0 1 Not used Single ended data (zero sent) 1 (DAT_SE0 mode) 1 0 1 0 Not used Single ended data (1 sent) 1 (DAT_SE0 mode) x 1 0 0 Not used Force single ended zero 0 (VP_VM mode) 0 0 0 0 DIFF_RX DAT_VP drives the level of DP SE0_VM drives the level of DN 0 (VP_VM mode) 1 0 1 0 DIFF_RX 0 (VP_VM mode) 0 1 0 1 DIFF_RX 0 (VP_VM mode) 1 1 1 1 DIFF_RX |