| データシートサーチシステム |
|
STW4811MBHDT/LF データシート(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW4811MBHDT/LF データシート(HTML) 26 Page - STMicroelectronics |
|
26 / 86 page ![]() STw4811M/STw4811N Functional description 25/85 USB control register 1 Table 11. USB control register 1 (address = 04h set and 05h clearh) 7 65432 10 Not used uart_en oe_int_en bdis_ acon_en not used dat_se0 suspend speed - R/W R/W R/W - R/W R/W R/W Bits Name Value Settings Default 6 uart_en 0 1 Inactive UART logic buffers are enabled 0 5 oe_int_en 0 1 Inactive Allow to send interruption through USBOEn 0 4 bdis_acon_en 0 1 Inactive (default) Enable A-device to connect if B-device disconnect detected: 0 2 dat_se0 0 1 VP_VM USB mode DAT_SE0 USB mode 0 1 suspend 0 1 Inactive (default) Put transceiver in low power mode 0 0 speed 0 1 Set rise and fall times of transmit Low speed Full speed 0 |