| データシートサーチシステム |
|
STW4811MBRAT/LF データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW4811MBRAT/LF データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 86 page ![]() Ball information STw4811M/STw4811N 14/85 E1 DATAOUT0 DIO(VMMC) Pull up 1.5M Ω Bidirectional data0 between STw4811 and card F1 E3 E2 DATAOUT[3:1] DIO(VMMC) Pull up 1.5M Ω Bidirectional data[3:1] between STw4811 and card. J4 VBAT_MMC VDDA-VBAT Battery supply for VMMC K5 VMMC AIO VMMC supply output Other balls J5 GPO1 AO General purpose output K6 GPO2 AO General purpose output B9 D3 “Reserved” G To be connected to ground B1 B7 B8 C5 F8 G8 K10 “Reserved” O To be left open Table 2. STw4811 balls function (continued) Ball Ball name Ball type Description General supplies |