| データシートサーチシステム |
|
STW5094ADT/LF データシート(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW5094ADT/LF データシート(HTML) 38 Page - STMicroelectronics |
|
38 / 52 page ![]() 37/51 STw5094A ANALOG INPUT/OUTPUT OPERATIVE RANGES Microphone Input Levels - Absolute levels at MIC1, MIC2, MIC3 FM Input Levels - Absolute levels at FML, FMR Power Output Levels - Absolute levels at HPL, HPR Power Output Levels - Absolute levels at LSP-LSN (Differentially measured) Tones Levels Note: when 2 tones are enabled the amplitude of f1 is lowered by 5dB and the amplitude of f2 is lowered by 7dB with respect to the amplitude of a single tone. Symbol Parameter Test Condition Min. Typ. Max. Unit 0 dBm0 level Transmit gain 0dB 493 mVRMS Overload level Transmit gain 0dB 707 2 mVRMS Vpp 0 dBm0 level Transmit gain 20dB 49 mVRMS Overload level Transmit gain 20dB 71 200 mVRMS mVpp 0 dBm0 level Transmit gain 42.5dB 3.7 mVRMS Overload level Transmit gain 42.5dB 5.3 15 mVRMS mVpp Symbol Parameter Test Condition Min. Typ. Max. Unit Overload level FML, FMR gain 18 dB 177 0.5 mVRMS Vpp Overload level FML, FMR gain from 6 to -20dB 707 2 mVRMS Vpp Symbol Parameter Test Condition Min. Typ. Max. Unit Maximum undistorted level 16 Ω Load 707 2 mVRMS Vpp Symbol Parameter Test Condition Min. Typ. Max. Unit 0 dBm0 level LS gain 0dB 984 mVRMS 0 dBm0 level LS gain -24dB 62.1 mVRMS Maximum undistorted level 8 Ω Load 1.41 4 VRMS Vpp Symbol Parameter Test Condition Min. Typ. Max. Unit Tone level at LSP-LSN Single tone, sinusoidal waveform, tone gain 0dB, LS gain 0dB 1.41 4 VRMS Vpp Tone level at HPL, HPR Single tone, sinusoidal waveform, tone gain 0dB, HPL, HPR gain -6dB 707 2 mVRMS Vpp Tone level at DX Voice mode, Single tone, sinusoidal waveform, tone gain 0dB -1.64 dBFS |