データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STW5095T データシート(PDF) 38 Page - STMicroelectronics

部品番号 STW5095T
部品情報  Low-power asynchronous stereo audio Codec with integrated power amplifiers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095T データシート(HTML) 38 Page - STMicroelectronics

Back Button STW5095T Datasheet HTML 34Page - STMicroelectronics STW5095T Datasheet HTML 35Page - STMicroelectronics STW5095T Datasheet HTML 36Page - STMicroelectronics STW5095T Datasheet HTML 37Page - STMicroelectronics STW5095T Datasheet HTML 38Page - STMicroelectronics STW5095T Datasheet HTML 39Page - STMicroelectronics STW5095T Datasheet HTML 40Page - STMicroelectronics STW5095T Datasheet HTML 41Page - STMicroelectronics STW5095T Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
STw5095
Control registers
37/72
Bits
Name
Value
CR28 Description
Def.
7AMCKINV
1
0
AMCK is inverted
AMCK is not inverted
0
6DACKP
1
0
DA Bit Clock Pin (DA_CK) polarity is inverted
DA Bit Clock Pin (DA_CK) polarity is not inverted
0
5
DASYNCP
1
0
DSP and PCM Formats in DA Interface
Non Delayed format
Delayed Format
0
1
0
Delayed, Left-aligned, Right-aligned and SPI Formats in DA Interface
DA Sync Pin (DA_SYNC) polarity is inverted
DA Sync Pin (DA_SYNC) polarity is not inverted
4DAMONO
1
0
Mono Mode: (L+R)/2 from Audio Interface is used on both DAC
channels
Stereo Mode
0
3
ADCKP
1
0
AD Bit Clock Pin (AD_CK) polarity is inverted
AD Bit Clock Pin (AD_CK) polarity is not inverted
0
2
ADSYNCP
1
0
DSP and PCM Formats in AD Interface
Non Delayed format
Delayed Format
0
1
0
Delayed, Left-aligned, Right-aligned and SPI Formats in AD
Interface
DA Sync Pin (DA_SYNC) polarity is inverted
DA Sync Pin (DA_SYNC) polarity is not inverted
1ADMONO
1
0
Mono Mode: (L+R)/2 from ADC is sent to both channels in the Audio
Interface
Stereo Mode
0
0
ADHIZ
1
0
AD data pin (AD_DATA) is in high impedance state when no data is
available
AD data pin (AD_DATA) is forced to 0 when no data is available
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73