データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STW8019 データシート(PDF) 63 Page - STMicroelectronics

部品番号 STW8019
部品情報  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8019 データシート(HTML) 63 Page - STMicroelectronics

Back Button STW8019 Datasheet HTML 58Page - STMicroelectronics STW8019 Datasheet HTML 59Page - STMicroelectronics STW8019 Datasheet HTML 60Page - STMicroelectronics STW8019 Datasheet HTML 61Page - STMicroelectronics STW8019 Datasheet HTML 62Page - STMicroelectronics STW8019 Datasheet HTML 63Page - STMicroelectronics STW8019 Datasheet HTML 64Page - STMicroelectronics STW8019 Datasheet HTML 65Page - STMicroelectronics STW8019 Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
Package mechanical data
STw8009/STw8019
62/65
Figure 29.
VFBGA 49 balls 3 x 3 x 1.0 mm body size
Note:
The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink
or metallized markings, or other feature of package body or integral heatslug.
A distinguishing feature is allowable on the bottom surface of the package to identify the
terminal A1 corner. Exact shape of each corner is optional.
See
Note Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66