データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8145 データシート(PDF) 7 Page - STMicroelectronics

部品番号 TDA8145
部品情報  TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8145 データシート(HTML) 7 Page - STMicroelectronics

  TDA8145 Datasheet HTML 1Page - STMicroelectronics TDA8145 Datasheet HTML 2Page - STMicroelectronics TDA8145 Datasheet HTML 3Page - STMicroelectronics TDA8145 Datasheet HTML 4Page - STMicroelectronics TDA8145 Datasheet HTML 5Page - STMicroelectronics TDA8145 Datasheet HTML 6Page - STMicroelectronics TDA8145 Datasheet HTML 7Page - STMicroelectronics TDA8145 Datasheet HTML 8Page - STMicroelectronics TDA8145 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
TDA8145
PACKAGE MECHANICAL
Table 5. POWERDIP8 - Mechanical Data
Figure 7. POWERDIP8 - Package Dimensions
Note: Drawing is not to scale
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
3.3
0.130
a1
0.7
0.020
B
1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b
0.5
0.020
b1
0.38
0.5
0.015
0.020
D
9.8
0.386
E
8.8
0.346
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
7.1
0.280
I
4.8
0.189
L
3.3
0.130
Z
0.44
1.6
0.017
0.063



Html Pages

1 2 3 4 5 6 7 8 9