データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL1014 データシート(PDF) 13 Page - STMicroelectronics

部品番号 TSL1014
部品情報  14 1 channel buffers for TFT-LCD panels
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014 データシート(HTML) 13 Page - STMicroelectronics

Back Button TSL1014 Datasheet HTML 8Page - STMicroelectronics TSL1014 Datasheet HTML 9Page - STMicroelectronics TSL1014 Datasheet HTML 10Page - STMicroelectronics TSL1014 Datasheet HTML 11Page - STMicroelectronics TSL1014 Datasheet HTML 12Page - STMicroelectronics TSL1014 Datasheet HTML 13Page - STMicroelectronics TSL1014 Datasheet HTML 14Page - STMicroelectronics TSL1014 Datasheet HTML 15Page - STMicroelectronics TSL1014 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TSL1014
Package information
13/16
4
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16