データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP7NB60 データシート(PDF) 7 Page - STMicroelectronics

部品番号 STP7NB60
部品情報  N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NB60 データシート(HTML) 7 Page - STMicroelectronics

  STP7NB60 Datasheet HTML 1Page - STMicroelectronics STP7NB60 Datasheet HTML 2Page - STMicroelectronics STP7NB60 Datasheet HTML 3Page - STMicroelectronics STP7NB60 Datasheet HTML 4Page - STMicroelectronics STP7NB60 Datasheet HTML 5Page - STMicroelectronics STP7NB60 Datasheet HTML 6Page - STMicroelectronics STP7NB60 Datasheet HTML 7Page - STMicroelectronics STP7NB60 Datasheet HTML 8Page - STMicroelectronics STP7NB60 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C
STP7NB60/FP
7/9



Html Pages

1 2 3 4 5 6 7 8 9