| データシートサーチシステム |
|
TAS3218IPZPR データシート(PDF) 69 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3218IPZPR データシート(HTML) 69 Page - Texas Instruments |
|
69 / 78 page ![]() A-MUX Control (0x12) TAS3218 www.ti.com ....................................................................................................................................................................................................... SLES235 – JULY 2008 Table 39. A-MUX Control (0x12) BIT 31 30 29 28 27 26 25 24 DESCRIPTION x x x x 1 1 1 1 Reserved x x x x 1 1 1 0 Reserved x x x x 1 1 0 1 Reserved x x x x 1 1 0 0 Reserved x x x x 1 0 1 1 DAC x x x x 1 0 1 0 Analog MUX line 10 select x x x x 1 0 0 1 Analog MUX line 9 select x x x x 1 0 0 0 Analog MUX line 8 select x x x x 0 1 1 1 Analog MUX line 7 select x x x x 0 1 1 0 Analog MUX line 6 select x x x x 0 1 0 1 Analog MUX line 5 select x x x x 0 1 0 0 Analog MUX line 4 select x x x x 0 0 1 1 Analog MUX line 3 select x x x x 0 0 1 0 Analog MUX line 2 select x x x x 0 0 0 1 Analog MUX line 1 select 0 0 0 0 0 0 0 0 MUTE BIT 23 22 21 20 19 18 17 16 x x x x 1 1 1 1 Reserved x x x x 1 1 1 0 Reserved x x x x 1 1 0 1 Reserved x x x x 1 1 0 0 Reserved x x x x 1 0 1 1 Reserved x x x x 1 0 1 0 AMUX2 IN 10 x x x x 1 0 0 1 AMUX2 IN 9 x x x x 1 0 0 0 AMUX2 IN 8 x x x x 0 1 1 1 AMUX2 IN 7 x x x x 0 1 1 0 AMUX2 IN 6 x x x x 0 1 0 1 AMUX2 IN 5 x x x x 0 1 0 0 AMUX2 IN 4 x x x x 0 0 1 1 AMUX2 IN 3 x x x x 0 0 1 0 AMUX2 IN 2 x x x x 0 0 0 1 AMUX2 IN 1 0 0 0 0 0 0 0 0 MUTE BIT 15 14 13 12 11 10 9 8 x x x x 1 1 1 1 Reserved x x x x 1 1 1 0 Reserved x x x x 1 1 0 1 Reserved x x x x 1 1 0 0 Reserved x x x x 1 0 1 1 Reserved x x x x 1 0 1 0 AMUX3 IN 10 x x x x 1 0 0 1 AMUX3 IN 9 x x x x 1 0 0 0 AMUX3 IN 8 x x x x 0 1 1 1 AMUX3 IN 7 x x x x 0 1 1 0 AMUX3 IN 6 x x x x 0 1 0 1 AMUX3 IN 5 Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 69 Product Folder Link(s): TAS3218 |