データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP80NE03L データシート(PDF) 7 Page - STMicroelectronics

部品番号 STP80NE03L
部品情報  N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80NE03L データシート(HTML) 7 Page - STMicroelectronics

  STP80NE03L Datasheet HTML 1Page - STMicroelectronics STP80NE03L Datasheet HTML 2Page - STMicroelectronics STP80NE03L Datasheet HTML 3Page - STMicroelectronics STP80NE03L Datasheet HTML 4Page - STMicroelectronics STP80NE03L Datasheet HTML 5Page - STMicroelectronics STP80NE03L Datasheet HTML 6Page - STMicroelectronics STP80NE03L Datasheet HTML 7Page - STMicroelectronics STP80NE03L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C
STP80NE03L-06
7/8



Html Pages

1 2 3 4 5 6 7 8