データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPCATLAS データシート(PDF) 83 Page - STMicroelectronics

部品番号 STPCATLAS
部品情報  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS データシート(HTML) 83 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 79Page - STMicroelectronics STPCATLAS Datasheet HTML 80Page - STMicroelectronics STPCATLAS Datasheet HTML 81Page - STMicroelectronics STPCATLAS Datasheet HTML 82Page - STMicroelectronics STPCATLAS Datasheet HTML 83Page - STMicroelectronics STPCATLAS Datasheet HTML 84Page - STMicroelectronics STPCATLAS Datasheet HTML 85Page - STMicroelectronics STPCATLAS Datasheet HTML 86Page - STMicroelectronics STPCATLAS Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 111 page
background image
DESIGN GUIDELINES
Issue 1.0 - July 24, 2002
83/111
6.3.5. LOCAL BUS
The local bus has all the signals to directly
connect flash devices or I/O devices.
Figure 6-10 describes how to connect a 16-bit
boot flash (the corresponding strap options must
be set accordingly).
Figure 6-10. Typical 16-bit boot flash implementation
M58LW064A
STPC
22
DQ[15:0]
A[22:1]
CE
OE
W
RP
B
CLK
RB
LE
R
3V3
GND
RESET#
16
PD[15:0]
FCS0#
PWR#
SYSRSTI#
PRD#
PA[22:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More