| データシートサーチシステム |
|
STPC12GDYC データシート(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPC12GDYC データシート(HTML) 69 Page - STMicroelectronics |
|
69 / 111 page ![]() MECHANICAL DATA Issue 1.0 - July 24, 2002 69/111 5. MECHANICAL DATA 5.1. 516-PIN PACKAGE DIMENSION The pin numbering for the STPC 516-pin Plastic BGA package is shown in Figure 5-1. Dimensions are shown in Figure 5-2, Table 5-1 and Figure 5-3, Table 5-2. Figure 5-1. 516-Pin PBGA Package - Top View A B D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF C 13579 11 13 15 17 19 21 23 25 2 4 6 8 10 12 14 16 18 20 22 24 26 A B D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF C 13579 11 13 15 17 19 21 23 25 2468 10 12 14 16 18 20 22 24 26 |