データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPC4HEBC データシート(PDF) 37 Page - STMicroelectronics

部品番号 STPC4HEBC
部品情報  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBC データシート(HTML) 37 Page - STMicroelectronics

Back Button STPC4HEBC Datasheet HTML 33Page - STMicroelectronics STPC4HEBC Datasheet HTML 34Page - STMicroelectronics STPC4HEBC Datasheet HTML 35Page - STMicroelectronics STPC4HEBC Datasheet HTML 36Page - STMicroelectronics STPC4HEBC Datasheet HTML 37Page - STMicroelectronics STPC4HEBC Datasheet HTML 38Page - STMicroelectronics STPC4HEBC Datasheet HTML 39Page - STMicroelectronics STPC4HEBC Datasheet HTML 40Page - STMicroelectronics STPC4HEBC Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
ELECTRICAL SPECIFICATIONS
Release 1.5 - January 29, 2002
37/93
Figure 4-2. CLK Timing Measurement Points
CLK
T5
T4
T3
VRef
VIL (MAX)
VIH (MIN)
T2
T1
LEGEND:
T1 - One Clock Cycle
T2 - Minimum Time at VIH
T3 - Minimum Time at VIL
T4 - Clock Fall Time
T5 - Clock Rise Time
NOTE; All sIgnals are sampled on the rising edge of the CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93