| データシートサーチシステム |
|
STPC4HDBI データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPC4HDBI データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 93 page ![]() ELECTRICAL SPECIFICATIONS Release 1.5 - January 29, 2002 37/93 Figure 4-2. CLK Timing Measurement Points CLK T5 T4 T3 VRef VIL (MAX) VIH (MIN) T2 T1 LEGEND: T1 - One Clock Cycle T2 - Minimum Time at VIH T3 - Minimum Time at VIL T4 - Clock Fall Time T5 - Clock Rise Time NOTE; All sIgnals are sampled on the rising edge of the CLK. |