データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPC0380BTI3 データシート(PDF) 45 Page - STMicroelectronics

部品番号 STPC0380BTI3
部品情報  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0380BTI3 データシート(HTML) 45 Page - STMicroelectronics

Back Button STPC0380BTI3 Datasheet HTML 41Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 42Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 43Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 44Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 45Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 46Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 47Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 48Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
BOARD LAYOUT
45/51
Issue 1.2
The PBGA Package also dissipates heat through
peripheral ground balls. When a heat sink is
placed on the device, heat is more uniformely
spread throughout the moulding increasing heat
dissipation through the peripheral ground balls.
The more via pads are connected to each ground
ball, the more heat is dissipated . The only limita-
tion is the risk of lossing routing channels.
Figure 6-5 shows a routing with a good trade off
between thermal dissipation and number of rout-
ing channels.
Figure 6-4. Optimum layout for central ground ball
Via to Ground layer
Pad for ground ball
Clearance = 6mil
diameter = 25 mil
hole diameter = 14 mil
Solder mask
diameter = 33 mil
External diameter = 37 mil
connections = 10 mil
Figure 6-5. Global ground layout for good thermal dissipation
Ground pad
Via to ground layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51