| データシートサーチシステム |
|
L294 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L294 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() ® L294 SWITCH-MODE SOLENOID DRIVER September 2003 HIGH VOLTAGE OPERATION (UP TO 50V) HIGHOUTPUT CURRENT CAPABILITY (UP TO4A) LOW SATURATION VOLTAGE TTL-COMPATIBLE INPUT OUTPUT SHORT CIRCUIT PROTECTION (TO GROUND, TO SUPPLY AND ACROSS THE LOAD) THERMAL SHUTDOWN OVERDRIVING PROTECTION LATCHED DIAGNOSTIC OUTPUT DESCRIPTION The L294 is a monolithic switched mode solenoid driver designed for fast, high current applications such as hummer and needle driving in printers and electronic typewriters. Power dissipation is reduced by efficient switchmode operation. An extra BLOCK DIAGRAM feature of the L294 is a latched diagnostic output which indicates when the output is short circuited. The L294 is supplied in a 11-lead Multiwatt® plas- tic power package. Multiwatt 11 ORDER CODE : L294 1/8 |
同様の部品番号 - L294 |
|
同様の説明 - L294 |