データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41ST87WMX6 データシート(PDF) 20 Page - STMicroelectronics

部品番号 M41ST87WMX6
部品情報  5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WMX6 データシート(HTML) 20 Page - STMicroelectronics

Back Button M41ST87WMX6 Datasheet HTML 16Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 17Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 18Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 19Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 20Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 21Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 22Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 23Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Operating modes
M41ST87Y, M41ST87W
20/48
Figure 14.
Tamper detect output options
Figure 15.
Basic tamper detect options
AI07821
IRQ - Interrupt the
processor on tamper
User
Configuration
TPCLR - Clear external
RAM on tamper
RESET OUT
CLR - Clear 128 bytes
internal RAM on tamper
Time stamp tamper
event (to RTC)
CLR1EXT
TIE1
CLR1
CLR2EXT
TIE2
CLR2
(other reset sources)
TEB2
TP2
TEB1
TP1
AI07818
TAMPER LO,
NORMALLY OPEN
TAMPER HI,
NORMALLY CLOSED
User
Configuration
TCM
X, TPMX
IRQ - Interrupt the
processor on tamper
TP
CLR - Clear external
RAM on tamper
CLR - Clear internal
RAM on tamper
Time stamp tamper
event
CLRX
EXT
TIE
X
CLRX
TAMPER HI,
NORMALLY OPEN
TAMPER LO,
NORMALLY CLOSED
Triggering Event
Tamper Event Output
TCMX, TPMX = 1,1
TCMX, TPMX = 0,0
TCMX, TPMX = 1,0
TCMX, TPMX = 0,1
VCC (VOUT)
VCC (VOUT)
VCC (VOUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48