| データシートサーチシステム |
|
M24128-BWMB6TP データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24128-BWMB6TP データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 39 page ![]() M24128, M24C64, M24C32 Part numbering 35/39 Table 25. Available M24C32 products (package, voltage range, temperature grade) Package M24C32-F 1.7 V to 5.5 V M24C32-R 1.8 V to 5.5 V M24C32-W 2.5 V to 5.5 V DIP8 (BN) - - Grade6 SO8N (MN) - Grade 6 Grade 3 Grade 6 TSSOP8 (DW) Grade 5 Grade 6 Grade 6 MLP8 (MB) Grade 5 Grade 6 - Table 26. Available M24C64 products (package, voltage range, temperature grade) Package M24C64-F 1.7 V to 5.5 V M24C64-R 1.8 V to 5.5 V M24C64-W 2.5 V to 5.5 V DIP8 (BN) - - Grade6 SO8N (MN) - Grade 6 Grade 3 Grade 6 TSSOP8 (DW) Grade 5 Grade 6 Grade 6 MLP8 (MB) Grade 6 - - Table 27. Available M24128 products (package, voltage range, temperature grade) Package M24128-BF 1.7 V to 5.5 V M24128-BR 1.8 V to 5.5 V M24128-BW 2.5 V to 5.5 V DIP8 (BN) - - - SO8N (MN) - Grade 6 Grade 3 Grade 6 TSSOP8 (DW) - Grade 6 Grade 6 MLP8 (MB) Grade 6 - - WLCSP (CS) Grade 6 - - |