データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L4964 データシート(PDF) 11 Page - STMicroelectronics

部品番号 L4964
部品情報  HIGH CURRENT SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4964 データシート(HTML) 11 Page - STMicroelectronics

Back Button L4964 Datasheet HTML 5Page - STMicroelectronics L4964 Datasheet HTML 6Page - STMicroelectronics L4964 Datasheet HTML 7Page - STMicroelectronics L4964 Datasheet HTML 8Page - STMicroelectronics L4964 Datasheet HTML 9Page - STMicroelectronics L4964 Datasheet HTML 10Page - STMicroelectronics L4964 Datasheet HTML 11Page - STMicroelectronics L4964 Datasheet HTML 12Page - STMicroelectronics L4964 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Multiwatt15 H (Short Leads)
A
C
B
E
L5
L7
L1
L2
F
G1
G
H2
L4
L3
S1
S
H1
Diam 1
MW15HME
V
V
V
V
V
H2
N
R1
P
R
R
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
E
0.49
0.55
0.019
0.022
F
0.66
0.75
0.026
0.030
G
1.02
1.27
1.52
0.040
0.050
0.060
G1
17.53
17.78
18.03
0.690
0.700 18.030
H1
19.6
20.2
0.772
0.795
H2
19.6
20.2
0.772
0.795
L1
17.8
18
18.2
0.701
0.709
0.717
L2
2.3
2.5
2.8
0.091
0.098
0.110
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L5
2.7
3
3.3
0.106
0.118
0.130
L7
2.65
2.9
0.104
0.114
R
1.5
0.059
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
OUTLINE AND
MECHANICAL DATA
L4964
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13