データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6566BTR データシート(PDF) 41 Page - STMicroelectronics

部品番号 L6566BTR
部品情報  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BTR データシート(HTML) 41 Page - STMicroelectronics

Back Button L6566BTR Datasheet HTML 37Page - STMicroelectronics L6566BTR Datasheet HTML 38Page - STMicroelectronics L6566BTR Datasheet HTML 39Page - STMicroelectronics L6566BTR Datasheet HTML 40Page - STMicroelectronics L6566BTR Datasheet HTML 41Page - STMicroelectronics L6566BTR Datasheet HTML 42Page - STMicroelectronics L6566BTR Datasheet HTML 43Page - STMicroelectronics L6566BTR Datasheet HTML 44Page - STMicroelectronics L6566BTR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
L6566B
Application information
41/51
5.14
Summary of L6566B power management functions
It has been seen that the device is provided with a number of power management functions:
multiple operating mode upon loading conditions and protection functions. To help the
designer familiarize with these functions, in the following tables all of theme are summarized
with their respective activation mechanism and the resulting status of the most important
pins. This can be useful not only for a correct use of the IC but also for diagnostic purposes:
especially at prototyping/debugging stage, it is quite common to bump into unwanted
activation of some function, and these tables can be used as a sort of quick troubleshooting
guide.
Table 5.
L6566B light load management features
Feature Description
Caused
by
IC
behavior
Vcc_restart
(V)
Consump.
(Iqdis,mA)
VREF
(V)
SS
VCOMP
(V)
OSC
(V)
FMOD
Burst
mode
Controlled
ON-OFF
operation for
low power
consumptio
n at light
load
VCOMP <
VCOMPBM
- Hys
Pulse
skipping
operation
N.A.
1.34 mA
5
unchanged
VCOMPBM
-HYS to
VCOMPBM
0/1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51