データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1S09 データシート(PDF) 16 Page - STMicroelectronics

部品番号 ST1S09
部品情報  2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09 データシート(HTML) 16 Page - STMicroelectronics

Back Button ST1S09_08 Datasheet HTML 10Page - STMicroelectronics ST1S09_08 Datasheet HTML 11Page - STMicroelectronics ST1S09_08 Datasheet HTML 12Page - STMicroelectronics ST1S09_08 Datasheet HTML 13Page - STMicroelectronics ST1S09_08 Datasheet HTML 14Page - STMicroelectronics ST1S09_08 Datasheet HTML 15Page - STMicroelectronics ST1S09_08 Datasheet HTML 16Page - STMicroelectronics ST1S09_08 Datasheet HTML 17Page - STMicroelectronics ST1S09_08 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Package mechanical data
ST1S09
16/18
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T18.4
0.724
Ao
3.3
0.130
Bo
3.3
0.130
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & Reel QFNxx/DFNxx (3x3) Mechanical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18